Part Number Hot Search : 
A3046 IM811C 500102FC G2109 LV4904 SP702 CM1705 10X10
Product Description
Full Text Search
 

To Download 21004570 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
APETM Phase Modulators
Key Features
* 500 MHz and 10 GHz bandwidth options * High optical power operation * Low optical loss * Single-polarization operation * Minimal back reflections
Applications
* Optical chirping * Coherent communication links * Optical sensors
JDSU APE phase modulators are low loss, simple, and operationally efficient devices for optical chirping, optical delays, and sensors. APE optical waveguides are polarizing, so no external polarizers are required in systems that use these devices. Polarization-maintaining optical fiber is used at both the input and output ports, making it straightforward to cascade these devices with other optical components.
500 MHz Lumped Element Device
10 GHz Traveling Wave Device
Phase Modulator
CE
50 internal termination (optional)
ZC
50 external termination (customer supplied)
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
APETM PHASE MODULATORS
2
500 MHz Lumped Element Device Package Dimensions (Specifications in inches unless otherwise noted.)
4.55 3.000
.150 .300 1.750 3.250 3.500 2x .O125 THRU
.330 2x .194 .600 2x .400 .194
10 GHz Traveling Wave Device Package Dimensions
(Specifications in inches unless otherwise noted.)
O.079 THRU 2X 5.940 4.390 .695 3.000
.551 .175 2X
.385
10021654X .250 2X .317 1.000 2.375 2X .241
.443
.200
.197
2X .075
2.445
#2-56 TAP .125 DP 2X
.078
.480 .089 3X .158
2X .157
APETM PHASE MODULATORS
3
Specifications
Parameter
1320 nm 500 MHz PM PM-130-005 Minimum Maximum Maximum Typical Maximum Maximum Typical 1280 nm 1340 nm 3.5 dB >50 dB -20 dB 200 mW <0.1 %
1550 nm 500 MHz PM PM-150-005 1510 nm 1570 nm 3.5 dB >50 dB -20 dB 200 mW <0.1 %
1550 nm High Speed PM PM-150-080 1530 nm 1565 nm 4.5 dB >50 dB -20 dB 200 mW <0.1 %
Model Description Optical (note1) Operating wavelength Insertion loss Polarization extinction ratio, chip Polarization crosstalk, fiber Input power Intensity modulation (by design) Electrical (note1) RF port Bandwidth (note2) V at 10 GHz Impedance V at DC RF power, unterminated option RF power, terminated option Device capacitance S11, 0.13 to 14 GHz, terminated Mechanical Electrical connectors (package) Fibers 1320 nm device, PM input and output 1550 nm device, PM input and output General Material Crystal orientation Environmental Operating temperature Storage temperature
1. All measurements made at 23C unless otherwise noted. 2. Measured with 50 termination. 3. Characteristic impedance determined by R and Ce at frequency.
Typical Maximum Typical Maximum Maximum Maximum Maximum Maximum
0.5 GHz (See note3) 3.5 V 27 dBm 24 dBm 13 pF SMA connector
0.5 GHz (See note3) 4.5 V 27 dBm 24 dBm 13 pF SMA connector
10 GHz 11 V 45 to 50 6.0 V 27 dBm (See note4) -8 dB K-connectors
Fujikura SM 13-P-7/125-UV/UV-400 Fujikura SM 15-P-8/125-UV/UV-400 Lithium niobate X-cut, y-propagating 0 to 70 C -40 to 85 C
4. 10 GHz traveling wave device requires customer supplied 50 external termnination. Note: This device is designed and manufactured to meet the specification contained in this data sheet. All device specifications are beginning of life at room temperature. This device uses, wherever possible, design rules, materials, and manufacturing processes incorporated in similar modulator products that have been qualified by JDSU. However, this device is manufactured in low volumes and has not been formally qualified to a specific telecommunications standard. Further device qualification is not implied by these specifications. Please contact a JDSU salesperson for more information on high volume device purchases.
APETM PHASE MODULATORS
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: 10022360
Product Code 10027001 21007176 21002078 10027019 10022360 10024520 21004570 10023874
Description 500 MHz APE PM, 1320 nm, 50 termination, no optical connectors 500 MHz APE PM, 1320 nm, no termination, no optical connectors 500 MHz APE PM, 1550 nm, 50 termination, no optical connectors 500 MHz APE PM, 1550 nm, no termination, no optical connectors 500 MHz APE PM, 1550 nm, 50 termination, FC/PC optical connectors 500 MHz APE PM, 1550 nm, no termination, FC/PC optical connectors 10 GHz APE PM, 1550 nm, no optical connectors 10 GHz APE PM, 1550 nm, FC/PC optical connectors
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com October 2007
Product specifications and descriptions in this document subject to change without notice. (c) 2007 JDS Uniphase Corporation 10131949 Rev. 005 10/07 APEPHASEMOD.DS.CC.AE SMF-28 and Fujikura SM-15-P-8/125-UV-400 are registered trademarks of Corning Incorporated. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


▲Up To Search▲   

 
Price & Availability of 21004570

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X